Part Number Hot Search : 
FU9310 2SC403B OMT621SN 10022054 1N4747 N2914 PST1600A MAX7420
Product Description
Full Text Search
 

To Download SMBJ60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBJ5.0 thru SMBJ188CA
Vishay General Semiconductor
Surface Mount TRANSZORB(R) Transient Voltage Suppressors
FEATURES * Low profile package * Ideal for automated placement * Glass passivated chip junction * Available in uni-directional and bi-directional * 600 W peak pulse power capability with a 10/1000 s waveform, repetitive rate (duty cycle): 0.01 % * Excellent clamping capability * Very fast response time * Low incremental surge resistance * Meets MSL level 1, per J-STD-020, LF maximum peak of 260 C * Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICs, MOSFET, signal lines of sensor units for consumer, computer, industrial, automotive and telecommunication. MECHANICAL DATA Case: DO-214AA (SMBJ) Molding compound meets UL 94 V-0 flammability rating Base P/N-E3 - RoHS compliant, commercial grade Base P/NHE3 - RoHS compliant, high reliability/ automotive grade (AEC Q101 qualified) Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix meets JESD 201 class 2 whisker test Polarity: For uni-directional types the band denotes cathode end, no marking on bi-directional types
DO-214AA (SMB J-Bend)
PRIMARY CHARACTERISTICS
VWM PPPM IFSM (uni-directional only) TJ max. 5.0 V to 188 V 600 W 100 A 150 C
DEVICES FOR BI-DIRECTION APPLICATIONS For bi-directional devices use C or CA suffix (e.g. SMBJ10CA). Electrical characteristics apply in both directions.
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Peak pulse power dissipation with a 10/1000 s waveform (1)(2) (Fig. 1) Peak pulse current with a 10/1000 s waveform
(1)
SYMBOL PPPM IPPM IFSM TJ, TSTG
VALUE 600 See next table 100 - 55 to + 150
UNIT W A A C
Peak forward surge current 8.3 ms single half sine-wave uni-directional only (2) Operating junction and storage temperature range Notes: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 C per Fig. 2 (2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal
Document Number: 88392 Revision: 04-Sep-07
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
SMBJ5.0 thru SMBJ188CA
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
DEVICE TYPE MODIFIED "J" BEND LEAD
(+) (+) (+)
DEVICE MARKING CODE UNI BI KD KE KF KG AH AK KL KM AN AP AQ AR AS AT AU AV AW AX KY KZ BD BE LF LG BH BK BL BM LN LM LQ LR BS BT LU LV BW BX BY BZ CD CE MF MG CH CK CL CM CN CP CQ CR
BREAKDOWN VOLTAGE VBR AT IT (1) (V) MIN. 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 MAX. 7.82 7.07 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1
TEST CURRENT IT (mA) 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
STAND-OFF VOLTAGE VWM (V) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 36 36 40 40
MAXIMUM REVERSE LEAKAGE AT VWM ID (A) (3) 800 800 800 800 500 500 200 200 100 100 50 50 20 20 10 10 5.0 5.0 5.0 5.0 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
MAXIMUM PEAK PULSE SURGE CURRENT IPPM (A) (2) 62.5 65.2 52.6 58.3 48.8 53.6 45.1 50.0 42.0 46.5 40.0 44.1 37.7 41.7 35.5 39.0 31.9 35.3 29.9 33.0 27.3 30.2 25.2 27.9 23.3 25.9 22.3 24.6 20.8 23.1 19.7 21.7 18.6 20.5 16.8 18.5 15.2 16.9 14.0 15.4 12.9 14.3 12.0 13.2 11.2 12.4 10.2 11.3 9.3 10.3 8.4 9.3
MAXIMUM CLAMPING VOLTAGE AT IPPM VC (V) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5
SMBJ5.0
(+)SMBJ5.0A (5)
SMBJ6.0 SMBJ6.0A (+) SMBJ6.5 (+) SMBJ6.5A (+) SMBJ7.0 (+) SMBJ7.0A (+) SMBJ7.5 (+) SMBJ7.5A (+) SMBJ8.0 (+) SMBJ8.0A (+)SMBJ8.5 (+)SMBJ8.5A (+)SMBJ9.0 (+) SMBJ9.0A (+)SMBJ10 (+) SMBJ10A (+) SMBJ11 (+)SMBJ11A (+) SMBJ12 (+)SMBJ12A (+) SMBJ13 (+)SMBJ13A (+)SMBJ14 (+) SMBJ14A (+)SMBJ15 (+) SMBJ15A (+)SMBJ16 (+)SMBJ16A (+)SMBJ17 (+) SMBJ17A (+) SMBJ18 (+)SMBJ18A (+) SMBJ20 (+)SMBJ20A (+) SMBJ22 (+) SMBJ22A (+)SMBJ24 (+) SMBJ24A (+)SMBJ26 (+) SMBJ26A (+) SMBJ28 (+)SMBJ28A (+) SMBJ30 (+) SMBJ30A (+)SMBJ33 (+) SMBJ33A (+) SMBJ36 (+) SMBJ36A (+)SMBJ40 (+) SMBJ40A www.vishay.com 2
KD KE KF KG KH KK KL KM KN KP KQ KR KS KT KU KV KW KX KY KZ LD LE LF LG LH LK LL LM LN LP LQ LR LS LT LU LV LW LX LY LZ MD ME MF MG MH MK ML MM MN MP MQ MR
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88392 Revision: 04-Sep-07
SMBJ5.0 thru SMBJ188CA
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
DEVICE TYPE MODIFIED "J" BEND LEAD
(+) (+) (+)
DEVICE MARKING CODE UNI BI CS CT MU MV MW MX MY MZ ND NE NF NG NH NK NL NM NN NP NQ NR NS NT NU NV NW NX NY NZ PD PE PF PG PH PK PL PM PN PP PQ PR PT PS
BREAKDOWN VOLTAGE VBR AT IT (1) (V) MIN. 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 209 209 MAX. 58.4 52.8 61.1 55.3 65.1 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147 176 159 204 185 218 197 231 209 255 231
TEST CURRENT IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
STAND-OFF VOLTAGE VWM (V) 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170 188 188
MAXIMUM REVERSE LEAKAGE AT VWM ID (A) (3) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
MAXIMUM PEAK PULSE SURGE CURRENT IPPM (A) (2) 7.8 8.6 7.5 8.3 7.0 7.8 6.6 7.3 6.2 6.9 5.8 6.4 5.6 6.2 5.3 5.8 4.8 5.3 4.5 5.0 4.3 4.8 4.0 4.4 3.8 4.1 3.4 3.7 3.1 3.4 2.8 3.1 2.6 2.9 2.2 2.5 2.1 2.3 2.0 2.2 1.7 2.0
MAXIMUM CLAMPING VOLTAGE AT IPPM VC (V) 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275 344 328
SMBJ43 SMBJ45 SMBJ48
(+)SMBJ43A (+)SMBJ45A (+)SMBJ48A (+)SMBJ51 (+) (+)
SMBJ51A SMBJ54 (+) SMBJ54A (+)SMBJ58 (+)SMBJ58A (+) SMBJ60 (+) SMBJ60A (+) SMBJ64 (+)SMBJ64A (+)SMBJ70 (+)SMBJ70A (+)SMBJ75 (+) SMBJ75A (+) SMBJ78 (+)SMBJ78A (+)SMBJ85 (+)SMBJ85A (+) SMBJ90 (+)SMBJ90A (+) SMBJ100 (+) SMBJ100A (+)SMBJ110 (+) SMBJ110A (+)SMBJ120 (+) SMBJ120A (+)SMBJ130 (+) SMBJ130A (+) SMBJ150 (+) SMBJ150A (+) SMBJ160 (+)SMBJ160A (+) SMBJ170 (+)SMBJ170A SMBJ188 SMBJ188A Notes:
MS MT MU MV MW MX MY MZ ND NE NF NG NH NK NL NM NN NP NQ NR NS NT NU NV NW NX NY NZ PD PE PF PG PH PK PL PM PN PP PQ PR PT PS
(1) Pulse test: tp 50 ms (2) Surge current waveform per Fig. 3 and derate per Fig. 2 (3) For bi-directional types having VWM of 10 V and less, the ID limit is doubled (4) All terms and symbols are consistent with ANSI/IEEE C62.35 (5) For the bi-directional SMBG/SMBJ5.0CA, the maximum VBR is 7.25 V (6) VF = 3.5 V at IF = 50 A (uni-directional only)
(+)
Underwriters laboratory recognition for the classification of protectors (QVGQ2) under the UL standard for safety 497B and file number E136766 for both uni-directional and bi-directional devices For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 3
Document Number: 88392 Revision: 04-Sep-07
SMBJ5.0 thru SMBJ188CA
Vishay General Semiconductor
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance, junction to ambient Typical thermal resistance, junction to lead Note: (1) Mounted on minimum recommended pad layout
(1)
SYMBOL RJA RJL
VALUE 100 20
UNIT C/W C/W
ORDERING INFORMATION (Example)
PREFERRED P/N SMBJ5.0A-E3/52 SMBJ5.0A-E3/5B SMBJ5.0AHE3/52 (1) SMBJ5.0AHE3/5B (1) UNIT WEIGHT (g) 0.096 0.096 0.096 0.096 PREFERRED PACKAGE CODE 52 5B 52 5B BASE QUANTITY 750 3200 750 3200 DELIVERY MODE 7" diameter plastic tape and reel 13" diameter plastic tape and reel 7" diameter plastic tape and reel 13" diameter plastic tape and reel
Note: (1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
100 150
IPPM - Peak Pulse Current, % IRSM
PPPM - Peak Pulse Power (kW)
tr = 10 s Peak Value IPPM
TJ = 25 C Pulse Width (td) is defined as the Point where the Peak Current decays to 50 % of IPPM
10
100
Half Value - IPP IPPM 2 50 10/1000 s Waveform as defined by R.E.A. td 0 0 1.0 2.0 3.0 4.0
1 0.2 x 0.2" (5.0 x 5.0 mm) Copper Pad Areas 0.1 0.1 s
1.0 s
10 s
100 s
1.0 ms
10 ms
td - Pulse Width (s)
t - Time (ms)
Figure 1. Peak Pulse Power Rating Curve
Figure 3. Pulse Waveform
Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage, %
100
6000
75
CJ - Junction Capacitance (pF)
Measured at Zero Bias
1000
50
100
VR, Measured at Stand-Off Voltage VWM Uni-Directional Bi-Directional TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p 100 200
25
0 0 25 50 75 100 125 150 175 200
10 1 10
TJ - Initial Temperature (C)
VWM - Reverse Stand-Off Voltage (V)
Figure 2. Pulse Power or Current vs. Initial Junction Temperature
Figure 4. Typical Junction Capacitance
www.vishay.com 4
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88392 Revision: 04-Sep-07
SMBJ5.0 thru SMBJ188CA
Vishay General Semiconductor
100
200
Transient Thermal Impedance (C/W)
Peak Forward Surge Current (A)
8.3 ms Single Half Sine-Wave Uni-Directional Only 100
10
1.0
0.1 0.001
10 0.01 0.1 1.0 10 100 1000 1 10 100
tp - Pulse Duration (s)
Number of Cycles at 60 Hz
Figure 5. Typical Transient Thermal Impedance
Figure 6. Maximum Non-Repetitive Peak Forward Surge Current
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-214AA (SMB-J-Bend)
Cathode Band 0.085 (2.159) MAX.
Mounting Pad Layout
0.086 (2.20) 0.077 (1.95)
0.155 (3.94) 0.130 (3.30) 0.086 (2.18) MIN.
0.180 (4.57) 0.160 (4.06) 0.012 (0.305) 0.006 (0.152) 0.096 (2.44) 0.084 (2.13) 0.060 (1.52) MIN. 0.220 REF.
0.060 (1.52) 0.030 (0.76) 0.220 (5.59) 0.205 (5.21)
0.008 (0.2) 0 (0)
Document Number: 88392 Revision: 04-Sep-07
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SMBJ60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X